Part Number Hot Search : 
LS11M CDT02 15D60 15D60 06C300JZ D72H2L SMBJ110 74479
Product Description
Full Text Search
 

To Download BAV99BDW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jiangsu changji ang electronics technology co., ltd www.cj-elec.com 1 sot -363 plastic-encapsulate diodes bav99 bdw high-speed swit ching diode features z small pla s tic package z ultra high speed switching application z for general purpose switching application marking: dn maximum ratings ( t a =25 unless otherw ise noted ) symbol paramete r value unit v rm non-re p etitive peak reverse voltage 100 v v rrm peak repetitiv e revers e voltage v rw m wo rking pe ak reverse voltage 75 v r(rms) rms reverse v o ltage 53 v i o av erag e rectified output current 215 ma 2 a i fsm non-repetitive peak forward surge current @ 8.3 ms p d po w e r dissipation 200 mw r ja t hermal resist ance from jun ction to ambient 625 /w t j junction t emperature 150 t stg st orage t emperature -55~+150 electrical charact eristics(t a =25 unless other w ise specified) paramete r sy mbol test conditions min typ max unit rev e rse voltage v (br) i r =100 a 75 v v r =75v 2.5 a rev e rse current i r v r =20v 25 na i f =1ma 0.715 i f =10ma 0.855 i f =50ma 1 forw a rd voltage v f i f =150ma 1.25 v to t al capacitance c tot v r =0,f=1mhz 2 pf rev e rse recovery time t rr i f = i r =10ma, i rr =0.1 i r , r l =100 ? 4 ns so t -363 t= v c,mar,2016
zzzfmhohffrp   7 \slfdo &kdudfwhulvwlfv  0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1 10 100 0 2 04 06 08 01 0 0 1 10 100 1000 10000 0 25 50 75 100 125 150 0 50 100 150 200 250 04 81 21 62 0 0.6 0.7 0.8 0.9 1.0 1.1 forward current i f (ma) f orward voltage v f (v) t a = 1 0 0  t a = 2 5  f orward characteristics 300 reverse current i r (na) reverse vo ltage v r (v) t a =25  t a =100  r everse characteristics am bient temperature t a ( )  po wer dissipation p d (mw) p ower derating curve c apacitance characteristics j unction capacitance c j (pf) reverse vo ltage v r (v) t a =25  f=1m hz c,mar,2016
zzzfmhohffrp   627  3dfndjh2xwolqh'lphqvlrqv 62 7    6xjjhvwhg3dg/d\rxw  c,mar,2016 min max min m ax a 0.900 1.100 0.035 0.043 a1 0.000 0.100 0.000 0.004 a2 0.900 1.000 0.035 0.039 b 0.150 0.350 0.006 0.014 c 0.  0. 150 0.00  0.006 d 2.000 2. 200 0.079 0.087 e 1.150 1.350 0.045 0.053 e1 2.150 2.4  0. 085 0.09  e e1 1.200 1. 400 0.047 0.055 l l1 0.260 0.460 0.010 0.018  0 8 0 8 0.525 ref 0.021 ref symbol dimensions in millimeters dimensions in inches 0.650 typ 0.026 typ
zzzfmhohffrp     627  7dshdqg5hho c,mar,2016


▲Up To Search▲   

 
Price & Availability of BAV99BDW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X